Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-2TP-CW Datasheet (PDF) - Powerbox

VI-2TP-CW Datasheet PDF - Powerbox
Part # VI-2TP-CW
Download  VI-2TP-CW Download
File Size   533.98 Kbytes
Page   2 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 50 - 200W PCB MOUNTING COMPONENETS

VI-2TP-CW Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-2TP-CW Datasheet PDF - Powerbox

Part # VI-2TP-CW
Download  VI-2TP-CW Click to download

File Size   533.98 Kbytes
Page   2 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 50 - 200W PCB MOUNTING COMPONENETS

VI-2TP-CW Datasheet (HTML) - Powerbox


VI-2TP-CW Product details

Features
• Inputs: 10 to 400VDC
• Output, 1 to 95VDC
• UL, CSA, TÜV, VDE, BABT, CF
• 80–90% efficiency (typical)
• ZCS power architecture
• Low noise FM control
• Booster versions available for expanded power




Similar Part No. - VI-2TP-CW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-2TPCU VICOR-VI-2TPCU Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
VI-2TPCV VICOR-VI-2TPCV Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
VI-2TPCW VICOR-VI-2TPCW Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
VI-2TPCX VICOR-VI-2TPCX Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
VI-2TPCY VICOR-VI-2TPCY Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
More results


Similar Description - VI-2TP-CW

ManufacturerPart #DatasheetDescription
logo
Powerbox
V24A48C500BL POWERBOX-V24A48C500BL Datasheet
555Kb / 1P
50 - 400W PCB MOUNTING COMPONENTS
V30A48C500BL POWERBOX-V30A48C500BL Datasheet
506Kb / 1P
50 - 500W PCB MOUNTING COMPONENTS
V48A48C500BL POWERBOX-V48A48C500BL Datasheet
552Kb / 1P
50 - 500W PCB MOUNTING COMPONENETS
V375A48C500BL POWERBOX-V375A48C500BL Datasheet
544Kb / 1P
50 - 600 WATTS MOUNTING COMPONENETS
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
PCB-mounting filter
logo
Marl International Limi...
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
PCB MOUNTING LED
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
PCB MOUNTING LED
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
PCB MOUNTING LED
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
PCB Connector Mounting, Mounting Hardware
11/01/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com