Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-1244 Datasheet (PDF) - JMK Inc.

MM-1244 Datasheet PDF - JMK Inc.
Part # MM-1244
Download  MM-1244 Download
File Size   43.05 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description The filter is designed to operate in high current applications of 48 Vdc telecommunication systems.

MM-1244 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM-1244 Datasheet PDF - JMK Inc.

Part # MM-1244
Download  MM-1244 Click to download

File Size   43.05 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description The filter is designed to operate in high current applications of 48 Vdc telecommunication systems.

MM-1244 Datasheet (HTML) - JMK Inc.




Similar Part No. - MM-1244

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MM-1208-100 JMK-MM-1208-100 Datasheet
41Kb / 1P
Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
MM-1208-80 JMK-MM-1208-80 Datasheet
41Kb / 1P
Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
More results


Similar Description - MM-1244

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZF-1398-20 JMK-ZF-1398-20 Datasheet
30Kb / 1P
The ZF-1398-20 filter has been designed to operate with telecommunication systems
ZF-1438-30 JMK-ZF-1438-30 Datasheet
29Kb / 1P
The ZF-1438-30 filter has been designed to operate with telecommunication systems.
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
Evaluation Board is designed to aid in the characterization of National
logo
JMK Inc.
HH-2131-3 JMK-HH-2131-3 Datasheet
327Kb / 1P
This filter is designed to operate with the VICOR ?쏤ARM??Module.
KK-1900-30 JMK-KK-1900-30 Datasheet
47Kb / 1P
This filter is designed to operate in power disdribution units or in systems designed to meet FCC or IEC requirements.
MF-1774-40 JMK-MF-1774-40 Datasheet
43Kb / 1P
This filter is designed to operate in high current applications of 48 Vdc telecommunication systems.
ZF-1072D-10 JMK-ZF-1072D-10 Datasheet
78Kb / 1P
designed to operate in a military environment.
ZF-1072D-10B JMK-ZF-1072D-10B Datasheet
80Kb / 1P
designed to operate in a military environment.
ZM-1888-300 JMK-ZM-1888-300 Datasheet
33Kb / 1P
designed to operate in automotive environments where high current is present and small size and light weight is required.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com