Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62081AP Datasheet (PDF) - Toshiba Semiconductor

TD62081AP Datasheet PDF - Toshiba Semiconductor
Part # TD62081AP
Download  TD62081AP Download
File Size   366.56 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH DARLINGTON SINK DRIVER

TD62081AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62081AP Datasheet PDF - Toshiba Semiconductor

Part # TD62081AP
Download  TD62081AP Click to download

File Size   366.56 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH DARLINGTON SINK DRIVER

TD62081AP Datasheet (HTML) - Toshiba Semiconductor


TD62081AP Product details

The TD62081AP / CP / F / AF Series are high−voltage, high−current darlington drivers comprised of eight NPN  darlington pairs. All units feature integral clamp diodes for switching inductive 

loads. Applications include relay, hammer, lamp and display (LED)  drivers.





FEATURES

Output current (single output) 

  500 mA (Max.)  (TD62081AP / F / AF series)

  400 mA (Max.)  (TD62081CP series)

High sustaining voltage output 

  35 V (Min.)  (TD62081F series)

  50 V (Min.)  (TD62081AP / AF series)

  100 V (Min.)  (TD62081CP series)

Output clamp diodes

Inputs compatible with various types of logic.

Package type−AP, CP :  DIP−18 pin

Package type−F, AF  :  SOP−18 pin




Similar Part No. - TD62081AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
8ch Darlington Sink Driver
More results


Similar Description - TD62081AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
8CH DARLINGTON SINK DRIVER
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
8CH LOW SATURATION DARLINGTON SINK DRIVER
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
8CH DARLINGTON SINK DRIVER
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
8ch Darlington Sink Driver
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
8ch Darlington Sink Driver
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
8CH DARLINGTON SINK DRIVER
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
8CH Darlington Sink Driver
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
8CH Darlington TR Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
8CH Darlington Sink Driver
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
8CH DARLINGTON SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com