Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62107F Datasheet (PDF) - Toshiba Semiconductor

TD62107F Datasheet PDF - Toshiba Semiconductor
Part # TD62107F
Download  TD62107F Download
File Size   290.87 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH-CURRENT DARILGTON SINK DRIVER

TD62107F Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62107F Datasheet PDF - Toshiba Semiconductor

Part # TD62107F
Download  TD62107F Click to download

File Size   290.87 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH-CURRENT DARILGTON SINK DRIVER

TD62107F Datasheet (HTML) - Toshiba Semiconductor


TD62107F Product details

4CH HIGH−CURRENT DARLINGTON SINK DRIVER



The TD62107P / BP / F are high−voltage, high−current darlington drivers and enable inputs which can gate the outputs. All units feature integral clamp diodes for switching inductive loads. The TD62107P / BP / F have a wide supply voltage range and all input are compatible with TTL and 5−V CMOS. Application include relay, hammer, lamp and stepping moter drivers. Please observe the thermal condition for using.



FEATURES

 Output current (single output) 750mA (MAX)

 High sustaining voltage output 80 V MIN. (TD62107BP)

   45 V MIN. (TD62107P)

   35 V MIN. (TD62107F)

 Output clamp diodes

 Enable inputs E1, E2

 Wide supply voltage range VCC = 4.75~17 V

 Input compatible with TTL and 5−V CMOS

 GND terminal = heat sink

 Package type−P, BP : DIP−16pin

 Package type−F : HSOP−16pin



 




Similar Part No. - TD62107F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62101F TOSHIBA-TD62101F Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
TD62103F TOSHIBA-TD62103F Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
TD62103P TOSHIBA-TD62103P Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
TD62104F TOSHIBA-TD62104F Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
More results


Similar Description - TD62107F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064APA TOSHIBA-TD62064APA Datasheet
215Kb / 6P
4CH HIGH-CURRENT DRALINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
15-May-1998
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
4ch High-Current Darlington Sink Driver
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
4CH HIGH−CURRENT DARLINGTON SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com