Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62301 Datasheet (PDF) - Toshiba Semiconductor

TD62301 Datasheet PDF - Toshiba Semiconductor
Part # TD62301
Download  TD62301 Download
File Size   259.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7CH LOW SATURATION SINK DRIVER

TD62301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62301 Datasheet PDF - Toshiba Semiconductor

Part # TD62301
Download  TD62301 Click to download

File Size   259.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7CH LOW SATURATION SINK DRIVER

TD62301 Datasheet (HTML) - Toshiba Semiconductor


TD62301 Product details

The TD62301P / F and TD62302P / F are comprised of seven NPN low saturation drivers. All units feature integral clamp diodes for switching inductive loads. Applications include relay, hammer, lamp and LED drive

in low voltage system.



FEATURES

Low saturation output VCE (sat) = 0.7 V (Max.)

Output rating (single output) 15 V (Min.) / 200 mA (Max.)

High DC transfer ratio 1000 (Min.)

Output clamp diodes

Input register : TD62301P / F R1 = 2 kΩ, R2 = 20 kΩ

                : TD62302P / F R1 = 8.4 kΩ, R2 = 15 kΩ

Inputs compatible with TTL and 3~6 V CMOS

Package type−P : DIP−16 pin

Package type−F : SOP−16 pin




Similar Part No. - TD62301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62300F TOSHIBA-TD62300F Datasheet
206Kb / 6P
2CH LOW VCC SINK DRIVER
TD62300P TOSHIBA-TD62300P Datasheet
206Kb / 6P
2CH LOW VCC SINK DRIVER
TD62303 TOSHIBA-TD62303 Datasheet
213Kb / 6P
6CH DIGIT DRIVER
TD62303F TOSHIBA-TD62303F Datasheet
213Kb / 6P
6CH DIGIT DRIVER
TD62303P TOSHIBA-TD62303P Datasheet
213Kb / 6P
6CH DIGIT DRIVER
More results


Similar Description - TD62301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62304P TOSHIBA-TD62304P Datasheet
278Kb / 8P
7CH LOW ACTIVE DARLINGTON SINK DRIVER
TD62307P TOSHIBA-TD62307P Datasheet
256Kb / 7P
7CH LOW SATURATION SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
7CH DARLINGTON SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com