Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62318 Datasheet (PDF) - Toshiba Semiconductor

TD62318 Datasheet PDF - Toshiba Semiconductor
Part # TD62318
Download  TD62318 Download
File Size   292.7 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER

TD62318 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62318 Datasheet PDF - Toshiba Semiconductor

Part # TD62318
Download  TD62318 Click to download

File Size   292.7 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER

TD62318 Datasheet (HTML) - Toshiba Semiconductor


TD62318 Product details

4CH LOW INPUT ACTIVE HIGH−CURRENT DARLINGTON SINK DRIVER

The TD62318BP and TD62318BF are non−inverting transistor array which are comprised of four NPN darlington output stages and PNP input stages.
This device is low level input active driver and are suitable for operation with TTL, 5 V CMOS and 5 V Microprocessor which have sink current output drivers.
Applications include relay, hammer, lamp and stepping motor drivers.

FEATURES
● Two VCC Terminals VCC1, VCC2 (Separated)
● Package Type BP : DIP−16 pin
                           BF : HSOP−16 pin
● High Sustaining Voltage Output : VCE (SUS) = 80 V (Min.)
● Output Current (Single Output) : IOUT = 700 mA / ch (Max.)
● Output Clamp Diodes
● Input Compatible with TTL and 5 V CMOS
● GND and SUB Terminal = Heat Sink
● Low Level Active Input
● Standard Supply Voltage




Similar Part No. - TD62318

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62318 TOSHIBA-TD62318 Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AF TOSHIBA-TD62318AF Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Similar Description - TD62318

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62107P TOSHIBA-TD62107P Datasheet
290Kb / 9P
4CH HIGH-CURRENT DARILGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
4ch High-Current Darlington Sink Driver
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
4ch Low Input Active High-Current Darlington Sink Driver
TD62308BP1G TOSHIBA-TD62308BP1G Datasheet
405Kb / 11P
4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com