Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD7623AFN Datasheet (PDF) - Toshiba Semiconductor

TD7623AFN Datasheet PDF - Toshiba Semiconductor
Part # TD7623AFN
Download  TD7623AFN Download
File Size   789.01 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV

TD7623AFN Datasheet (PDF)

Go To PDF Page Download Datasheet
TD7623AFN Datasheet PDF - Toshiba Semiconductor

Part # TD7623AFN
Download  TD7623AFN Click to download

File Size   789.01 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV

TD7623AFN Datasheet (HTML) - Toshiba Semiconductor


TD7623AFN Product details

3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV

The TD7623AFN can be combined with a micro CPU to create a highly functional frequency synthesizer. The control data conforms to 3-wire bus and standard I2C bus formats. BUS-SW can be used to easily switch for easy tuner system set-up.

FEATURES
● Direct two modulus-type frequency synthesizer
● Standard I2C bus format control with built-in read mode
● 3-wire bus 27-bit format control
● 4-bit bandswitch drive transistor
● 5-level A / D converter (when I2C bus selected)
● Frequency step : 50 kHz, 62.5 kHz, 250 kHz, and 333.3 kHz (at 4 MHz Xtal used)
● Phase lock detector
● Various function settings via program data
● Four address settings via address selector (when I2C bus selected)
● Power on reset circuit
● Flat, compact package : SSOP16 (0.65 mm pitch)
● Power on reset operation condition
    Bandswitch register 1 to 4 : OFF
    Tuning amplifier : ON
    Tuning Voltage output (Vt) : High Level
    Charge-pump output current : ±200 µA
    Phase comparator reference frequency divider ratio : 1 / 80




Similar Part No. - TD7623AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
307Kb / 19P
3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
More results


Similar Description - TD7623AFN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
PLL-Frequency Synthesizer with I2C Bus
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN_01 Datasheet
314Kb / 19P
3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com