Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFR1N Datasheet (PDF) - Toshiba Semiconductor

TFR1N Datasheet PDF - Toshiba Semiconductor
Part # TFR1N
Download  TFR1N Download
File Size   129.54 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)

TFR1N Datasheet (PDF)

Go To PDF Page Download Datasheet
TFR1N Datasheet PDF - Toshiba Semiconductor

Part # TFR1N
Download  TFR1N Click to download

File Size   129.54 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)

TFR1N Datasheet (HTML) - Toshiba Semiconductor


TFR1N Product details

Strobo Flasher Applications (fast recovery)

 • Average Forward Current: IF (AV) = 0.5 A
 • Repetitive Peak Reverse Voltage: VRRM = 1000, 1500 V
 • Reverse Recovery Time: trr = 10 µs




Similar Part No. - TFR1N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFR100 ETC-TFR100 Datasheet
982Kb / 2P
RF POWER RESISTORS
TFR100 ETC-TFR100 Datasheet
509Kb / 1P
RF FLANGED POWER RESISTORS
logo
DATEL, Inc.
TFR101D12-0.41 DATEL-TFR101D12-0.41 Datasheet
133Kb / 1P
24 Pin DIP, 10-Watt, 짹12 Volts Output
TFR101D12-0.41 DATEL-TFR101D12-0.41 Datasheet
1Mb / 13P
TFR RAILWAY SERIES 24-Pin DIP
TFR101D15-0.33 DATEL-TFR101D15-0.33 Datasheet
134Kb / 1P
24 Pin DIP, 10-Watt, 짹15 Volts Output
More results


Similar Description - TFR1N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1200JXH23 TOSHIBA-1200JXH23 Datasheet
109Kb / 2P
FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
500EXH22 TOSHIBA-500EXH22 Datasheet
106Kb / 2P
FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
50FXFG13 TOSHIBA-50FXFG13 Datasheet
115Kb / 2P
FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
800EXH22 TOSHIBA-800EXH22 Datasheet
118Kb / 2P
FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
800JXH23 TOSHIBA-800JXH23 Datasheet
107Kb / 2P
FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
TFR07 TOSHIBA-TFR07 Datasheet
134Kb / 2P
STROBO FLASHER APPLICATIONS (FAST RECOVERY)
TFR2N TOSHIBA-TFR2N Datasheet
130Kb / 2P
DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
TFR3N TOSHIBA-TFR3N Datasheet
111Kb / 2P
DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
TFR4N TOSHIBA-TFR4N Datasheet
134Kb / 2P
DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
TFR7H TOSHIBA-TFR7H Datasheet
133Kb / 2P
STROBO FLASHER APPLICATIONS(FAST RECOVERY)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com