Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP283 Datasheet (PDF) - Toshiba Semiconductor

TLP283 Datasheet PDF - Toshiba Semiconductor
Part # TLP283
Download  TLP283 Download
File Size   106.44 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards

TLP283 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP283 Datasheet PDF - Toshiba Semiconductor

Part # TLP283
Download  TLP283 Click to download

File Size   106.44 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards

TLP283 Datasheet (HTML) - Toshiba Semiconductor


TLP283 Product details

PROGRAMMABLE CONTROLLERS

AC adapters for PDAs/ on-board power supplies

I/O interface boards





TLP283 and TLP283-4 is a very small and thin coupler,suitable for surface mount assembly in applications such as on-board power supplies,programmable controllers. TLP283 and TLP283-4 consist of photo transistor,optically coupled to a gallium arsenide infrared emitting diode.



Collector-Emitter Voltage  : 100 V (MIN)

Current Transfer Ratio  : 100% (MIN)@IF=1mA 

1 Pulse delay time(Note 1)  : 100us(MAX)@IF=1mA,RL=10kΩ

Isolation Voltage  : 2500 Vrms (MIN)

UL Recognized  : UL1577 , File No. E67349

Note 1 : 1 Pulse delay time = tON+tOFF






Similar Part No. - TLP283

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP283-4 TOSHIBA-TLP283-4 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Similar Description - TLP283

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP225A TOSHIBA-TLP225A_14 Datasheet
167Kb / 6P
Programmable Controllers I/O Board Interface DC-Output Module Replacement for DC Mechanical Relay
logo
Axiomtek Co., Ltd.
AX93276 AXIOMTEK-AX93276 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
AX93292 AXIOMTEK-AX93292 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
AX93299 AXIOMTEK-AX93299 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
logo
Hirose Electric
RP34 HIROSE-RP34 Datasheet
623Kb / 12P
Small I/O connectors for AC adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com