Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP531 Datasheet (PDF) - Toshiba Semiconductor

TLP531 Datasheet PDF - Toshiba Semiconductor
Part # TLP531
Download  TLP531 Download
File Size   816.31 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers AC / DC-Input Module Solid State Relay

TLP531 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP531 Datasheet PDF - Toshiba Semiconductor

Part # TLP531
Download  TLP531 Click to download

File Size   816.31 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers AC / DC-Input Module Solid State Relay

TLP531 Datasheet (HTML) - Toshiba Semiconductor


TLP531 Product details

Programmable Controllers

AC / DC−Input Module

Solid State Relay



The TOSHIBA TLP531 and TLP532 consist of a photo−transistor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP. TLP532 is no−base internal connection for high−EMI environments.



• Collector−emitter voltage: 55 V (min.)

• Current transfer ratio: 50% (min.)

      Rank GB: 100% (min.)

• Isolation voltage: 2500 Vrms (min.)

• UL recognized: UL1577, file no. E67349




Similar Part No. - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
713Kb / 9P
Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
Programmable Controllers
More results


Similar Description - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
Programmable Controllers AC/DC−Input Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com