Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11D1 Datasheet (PDF) - Lite-On Technology Corporation

H11D1 Datasheet PDF - Lite-On Technology Corporation
Part # H11D1
Download  H11D1 Download
File Size   196.8 Kbytes
Page   9 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

H11D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11D1 Datasheet PDF - Lite-On Technology Corporation

Part # H11D1
Download  H11D1 Click to download

File Size   196.8 Kbytes
Page   9 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

H11D1 Datasheet (HTML) - Lite-On Technology Corporation


H11D1 Product details

FEATURES

* Current transfer ratio

   ( CTR : MIN. 20% at IF = 10mA, VCE = 10V )

* High isolation voleage between input and output

   ( Viso = 5,000 Vrms )

* Very High collector-emitter breakdown voltage

   ( BVCER = 300V)

* Dual-in-line package :

   H11D1 : 1-channel type

* Wide lead spacing package :

   H11D1M : 1-channel type

* Surface mounting package :

   H11D1S : 1-channel type

* Tape and reel packaging :

   H11D1S-TA1

* UL approved ( No. E113898 )

* VDE approved ( No. 094722 )



 




Similar Part No. - H11D1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11D1 MOTOROLA-H11D1 Datasheet
282Kb / 6P
6-Pin DIP Optoisolators High Voltage Transistor Output(300 Volts)
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
120Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
19-Nov-07
logo
ISOCOM COMPONENTS
H11D1 ISOCOM-H11D1 Datasheet
78Kb / 3P
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
196Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
18-Jun-2019
More results


Similar Description - H11D1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com