Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP741J Datasheet (PDF) - Toshiba Semiconductor

TLP741J Datasheet PDF - Toshiba Semiconductor
Part # TLP741J
Download  TLP741J Download
File Size   291.95 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY

TLP741J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP741J Datasheet PDF - Toshiba Semiconductor

Part # TLP741J
Download  TLP741J Click to download

File Size   291.95 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY

TLP741J Datasheet (HTML) - Toshiba Semiconductor


TLP741J Product details

Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply

The TOSHIBA TLP741J consists of a photo−thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package.

• Peak off−state voltage: 600 V (min.)
• Trigger LED current: 10 mA (max.)
• On−state current: 150 mA (max.)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002 Certificate no. 8877 BS EN60950-1: 2002 Certificate no. 8878 Isolation voltage: 4000 Vrms (min.)
• Option (D4) type VDE approved: DIN EN 60747-5-2 Certificate no. 40009302
    Maximum operating insulation voltage: 630 VPK
    Highest permissible over voltage: 6000 VPK




Similar Part No. - TLP741J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741J TOSHIBA-TLP741J Datasheet
178Kb / 6P
GaAs IRed & Photo-Thyristor
TLP741J TOSHIBA-TLP741J_07 Datasheet
178Kb / 6P
GaAs IRed & Photo-Thyristor
More results


Similar Description - TLP741J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP148G TOSHIBA-TLP148G Datasheet
256Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP549J TOSHIBA-TLP549J Datasheet
248Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748JF TOSHIBA-TLP748JF Datasheet
136Kb / 4P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com