Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-4270 Datasheet (PDF) - Lite-On Technology Corporation

HSDL-4270 Datasheet PDF - Lite-On Technology Corporation
Part # HSDL-4270
Download  HSDL-4270 Download
File Size   140.5 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp

HSDL-4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-4270 Datasheet PDF - Lite-On Technology Corporation

Part # HSDL-4270
Download  HSDL-4270 Click to download

File Size   140.5 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp

HSDL-4270 Datasheet (HTML) - Lite-On Technology Corporation




Similar Part No. - HSDL-4270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
More results


Similar Description - HSDL-4270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670 AVAGO-ASDL-4670 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4770 AVAGO-ASDL-4770 Datasheet
182Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4260 AVAGO-HSDL-4260 Datasheet
128Kb / 4P
High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4260 LITEON-HSDL-4260 Datasheet
138Kb / 4P
High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com