Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40ST1041EXLF Datasheet (PDF) - Bothhand USA, LP.

40ST1041EXLF Datasheet PDF - Bothhand USA, LP.
Part # 40ST1041EXLF
Download  40ST1041EXLF Download
File Size   283.4 Kbytes
Page   1 Pages
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.
Description 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER

40ST1041EXLF Datasheet (PDF)

Go To PDF Page Download Datasheet
40ST1041EXLF Datasheet PDF - Bothhand USA, LP.

Part # 40ST1041EXLF
Download  40ST1041EXLF Click to download

File Size   283.4 Kbytes
Page   1 Pages
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.
Description 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER

40ST1041EXLF Datasheet (HTML) - Bothhand USA, LP.


40ST1041EXLF Product details

IEEE 802.3 Ethernet compatible, 100 Base-TX

Surface mountable.

Design for multi-port repeater and Ethernet switching Hub application.

Customer designs available for specific application.

Lead free for external pins.

Operating temperature range : 0℃ to +70℃.

Storage temperature range: -25℃ to +125℃.




Similar Part No. - 40ST1041EXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041EX BOTHHAND-40ST1041EX Datasheet
754Kb / 5P
10/100 BASE QUAD PORT PULSE TRANSFORMERS
40ST1041EX BOTHHAND-40ST1041EX Datasheet
218Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX BOTHHAND-40ST1041EX Datasheet
219Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX-1 BOTHHAND-40ST1041EX-1 Datasheet
223Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX_M BOTHHAND-40ST1041EX_M Datasheet
218Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results


Similar Description - 40ST1041EXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041B BOTHHAND-40ST1041B Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041C BOTHHAND-40ST1041C Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041D BOTHHAND-40ST1041D Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX-1 BOTHHAND-40ST1041EX-1 Datasheet
223Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041L BOTHHAND-40ST1041L Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1053B BOTHHAND-40ST1053B Datasheet
41Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1076 BOTHHAND-40ST1076 Datasheet
41Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1045 BOTHHAND-40ST1045 Datasheet
288Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1064 BOTHHAND-40ST1064 Datasheet
216Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com