Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-356T Datasheet (PDF) - Lite-On Technology Corporation

LTV-356T Datasheet PDF - Lite-On Technology Corporation
Part # LTV-356T
Download  LTV-356T Download
File Size   201.55 Kbytes
Page   11 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV-356T Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-356T Datasheet PDF - Lite-On Technology Corporation

Part # LTV-356T
Download  LTV-356T Click to download

File Size   201.55 Kbytes
Page   11 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV-356T Datasheet (HTML) - Lite-On Technology Corporation


LTV-356T Product details

FEATURES
* Current transfer ratio ( CTR : MIN. 50% at IF = 5mA, VCE = 5V )
* High input-output isolation voltage ( Viso = 3,750Vrms )
* High collector-emitter voltage ( VCEO = 80V )
* Employs double transfer mold technology
* Subminiature type ( The volume is smaller than that of conventional DIP type by as far as 30% )
* Mini-flat package : 2.0mm profile : LTV-356T
* UL approved ( No. E113898 )
* CUL approved ( No. E113898 , 01SC19287 )
* CSA approved ( No. 1243207 )
* FIMKO approved ( No. FI-16420 )
* NEMKO approved ( No. P01100403 )
* DEMKO approved ( No. 310475-01 )
* SEMKO approved ( No. 0109173 / 01-08 )
* VDE approved ( No. 094722 )
* RoHS compliance

APPLICATIONS
* Hybrid substrates that require high density mounting.
* Programmable controllers




Similar Part No. - LTV-356T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-356T TENAND-LTV-356T Datasheet
256Kb / 11P
Property of LITE-ON Only
logo
Guangdong Youtai Semico...
LTV-356T UMW-LTV-356T Datasheet
862Kb / 6P
SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
LTV-356T-A UMW-LTV-356T-A Datasheet
862Kb / 6P
SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
LTV-356T-B UMW-LTV-356T-B Datasheet
862Kb / 6P
SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
LTV-356T-C UMW-LTV-356T-C Datasheet
862Kb / 6P
SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
More results


Similar Description - LTV-356T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com