Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

817B Datasheet (PDF) - Lite-On Technology Corporation

817B Datasheet PDF - Lite-On Technology Corporation
Part # 817B
Download  817B Download
File Size   560.4 Kbytes
Page   14 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

817B Datasheet (PDF)

Go To PDF Page Download Datasheet
817B Datasheet PDF - Lite-On Technology Corporation

Part # 817B
Download  817B Click to download

File Size   560.4 Kbytes
Page   14 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

817B Datasheet (HTML) - Lite-On Technology Corporation


817B Product details

High Density Mounting Type Photocoupler



Features

Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-817 : 1-channel type

  LTV-827 : 2-channel type

  LTV-847 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 202634)

NEMKO approved (No. P98101945)

DEMKO approved (No. 307857)

SEMKO approved (No. 9832157/01-03)

VDE approved (No. 094722)

Options available :

  -Leads with 0.4"(10.16mm)spacing (M Type)

  -Leads bends for surface mounting(S Type)

  -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

  -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

  -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Computer terminals.

2. System appliances, measuring instruments.

3. Registers, copiers, automatic vending machines.

4. Electric home appliances such as fan heaters, etc.

5. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - 817B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
817B KEXIN-817B Datasheet
66Kb / 2P
Surface Mount Zener Diodes
logo
Lite-On Technology Corp...
817B LITEON-817B Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
logo
List of Unclassifed Man...
817B ETC-817B Datasheet
1Mb / 8P
Modulink??880MP Series Floor Boxes
April 2019
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
More results


Similar Description - 817B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com