Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL101 Datasheet (PDF) - Jinan Jingheng (Group) Co.,Ltd

RL101 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd
Part # RL101
Download  RL101 Download
File Size   63.42 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL101 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL101 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd

Part # RL101
Download  RL101 Click to download

File Size   63.42 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL101 Datasheet (HTML) - Jinan Jingheng (Group) Co.,Ltd


RL101 Product details

Reverse Voltage - 50 to 1000 Volts

Forward Current - 1.0 Ampere



FEATURES

• The plastic package carries Underwrites Laboratory

   Flammability Classification 94V-0

• Construction utilizes void-free molded plastic technique

• Low reverse leakage

• High forward surge current capability

• High reliability

• High temperature soldering guaranteed:260°C/10 seconds at terminals

• Component in accordance to RoHs 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - RL101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL101 GOOD-ARK-RL101 Datasheet
199Kb / 2P
GENERAL PURPOSE PLASITC RECTIFIER
logo
Micro Commercial Compon...
RL101 MCC-RL101 Datasheet
78Kb / 3P
1 Amp Rectifier 50 - 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101 DAESAN-RL101 Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
1.0A Standard Rectifier
More results


Similar Description - RL101

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com