Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF301 Datasheet (PDF) - Jinan Jingheng (Group) Co.,Ltd

SF301 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd
Part # SF301
Download  SF301 Download
File Size   89.2 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SUPER FAST RECTIFIER

SF301 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF301 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd

Part # SF301
Download  SF301 Click to download

File Size   89.2 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SUPER FAST RECTIFIER

SF301 Datasheet (HTML) - Jinan Jingheng (Group) Co.,Ltd


SF301 Product details

Reverse Voltage: 50 to 400 Volts
Forward Current:3.0Amperes
   
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Super fast recovery time
• Good for use in switching mode circuits
• Plastic package has Underwriters Laboratory Flammability
    Classification 94V-0
   




Similar Part No. - SF301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF301 WTE-SF301 Datasheet
47Kb / 3P
3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF301 BYTES-SF301 Datasheet
166Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF301 DIODES-SF301 Datasheet
63Kb / 3P
30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Formosa MS
SF301 FORMOSA-SF301 Datasheet
39Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
More results


Similar Description - SF301

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com