Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2A Datasheet (PDF) - Jinan Jingheng (Group) Co.,Ltd

SS2A Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd
Part # SS2A
Download  SS2A Download
File Size   70.24 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS2A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS2A Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd

Part # SS2A
Download  SS2A Click to download

File Size   70.24 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS2A Datasheet (HTML) - Jinan Jingheng (Group) Co.,Ltd


SS2A Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 2.0Amperes

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Metal silicon junction ,majority carrier conduction
• Guard ring for overvoltage protection
• Built-in strain relief
• For surface mounted applications
• Low profile package
• Low power loss ,high efficiency
• High current capability ,Low forward voltage drop
• High surge capability
• For use in low voltage ,high frequency inverters, free wheeling ,
   and polarity protection applications
• High temperature soldering guaranteed:260°C/10 seconds at terminals
• Component in accordance to RoHS 2002/95/EC and
   WEEE 2002/96/EC

MECHANICAL DATA
• Case: JEDEC SMB(DO-214AA)  molded plastic body 
• Terminals: solder plated ,solderable per MIL-STD-750,method 2026
• Polarity: color band denotes cathode end 
• Weight: 0.003ounce,0.093 gram




Similar Part No. - SS2A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A Datasheet
32Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
SS2A SYNSEMI-SS2A Datasheet
42Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A Datasheet
40Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SS2A SUNMATE-SS2A Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
DB Lectro Inc
SS2A100KC DBLECTRO-SS2A100KC Datasheet
202Kb / 2P
ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Similar Description - SS2A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com