Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA1135B Datasheet (PDF) - TriQuint Semiconductor

TGA1135B Datasheet PDF - TriQuint Semiconductor
Part # TGA1135B
Download  TGA1135B Download
File Size   1406.93 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 18-27.5 GHz 1W Power Amplifier

TGA1135B Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA1135B Datasheet PDF - TriQuint Semiconductor

Part # TGA1135B
Download  TGA1135B Click to download

File Size   1406.93 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 18-27.5 GHz 1W Power Amplifier

TGA1135B Datasheet (HTML) - TriQuint Semiconductor


TGA1135B Product details

Key Features
• 0.25 um pHEMT Technology
• 14 dB Nominal Gain at 23GHz
• 30 dBm Nominal P1dB
• 38dBm OTOI typical
• Typical 15dB Input/Output RL
• Bias 6 - 7V @ 540 mA
• On-chip power detector diode

Primary Applications
• Point-to-Point Radio
• Point-to-Multipoint Communications
• Ka Band Sat-Com




Similar Part No. - TGA1135B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
930Kb / 10P
18 27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
18 27 GHz 1W Power Amplifier
More results


Similar Description - TGA1135B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
18-27 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
18-28 GHz 1W Power Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
6-18 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
18 27 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
6-18 GHz 1W Power Amplifier
logo
Qorvo, Inc
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com