Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81490A Datasheet (PDF) - Agilent(Hewlett-Packard)

81490A Datasheet PDF - Agilent(Hewlett-Packard)
Part # 81490A
Download  81490A Download
File Size   118.58 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Reference Transmitter

81490A Datasheet (PDF)

Go To PDF Page Download Datasheet
81490A Datasheet PDF - Agilent(Hewlett-Packard)

Part # 81490A
Download  81490A Click to download

File Size   118.58 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Reference Transmitter

81490A Datasheet (HTML) - Agilent(Hewlett-Packard)


81490A Product details

Agilent’s 81490A Reference Transmitter is designed to offer excellent eye quality as a reference for testing 10 GbE-L and 10 Gb-E according to IEEE 802.3ae and according to 10 GFC Fibre Channel specifications. The module is fully integrated into the industry standard LMS 816xB platform.

Benefits
• Repeatable and reproducible measurements permit lower production test margins and improved specifications of the characterized devices.
• Reliable measurements ensure comparability of the test results.
• Support for full compliance to IEEE 802.3 stressed eye test in combination with the N4917A Optical Receiver Stress Test solution.
• Wide extinction range offers highest test range coverage to ensure best quality of the tested devices under all target operating conditions.
• Rapid test reconfiguration with dual-wavelength to switch between 1310 nm and 1550 nm by remote control or manually without exchanging a module.
• Scalability with integration into industrystandard Agilent LMS platform extends your optical workbench capabilities.

Applications
• Reference transmitter for stressed eye compliance test according to IEEE 802.3.
• Creation of arbitrary optical modulation signals in combination with waveform generators.
• General transmission system test with special pulse patterns in combination with a pattern generator.




Similar Part No. - 81490A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8149 NTE-8149 Datasheet
61Kb / 1P
Thermal Cutoff
logo
SNA Europe
8149 LINDSTROM-8149 Datasheet
92Kb / 1P
80-Series Diagonal cutters Tip cutter, 8149
logo
Keystone Electronics Co...
8149 KEYSTONE-8149 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Festo Corporation.
8149580 FESTO-8149580 Datasheet
73Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
More results


Similar Description - 81490A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
Transmitter
logo
Maxim Integrated Produc...
MAX5216LPT MAXIM-MAX5216LPT Datasheet
1Mb / 18P
Reference Design of 4??0mA Loop-Powered Transmitter
Rev 0; 5/13
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
Transmitter
logo
OPLINK Communications I...
STX48 OPLINK-STX48 Datasheet
407Kb / 4P
Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
Transmitter
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
Transmitter
April, 2001 - Rev. 5
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
Transmitter
7/13/22
537693 FESTO-537693 Datasheet
99Kb / 1P
Transmitter
7/13/22
537695 FESTO-537695 Datasheet
100Kb / 1P
Transmitter
7/13/22
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com