Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA8226 Datasheet (PDF) - TriQuint Semiconductor

TGA8226 Datasheet PDF - TriQuint Semiconductor
Part # TGA8226
Download  TGA8226 Download
File Size   650.97 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2 - 6 GHz Gain Block Amplifier

TGA8226 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA8226 Datasheet PDF - TriQuint Semiconductor

Part # TGA8226
Download  TGA8226 Click to download

File Size   650.97 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2 - 6 GHz Gain Block Amplifier

TGA8226 Datasheet (HTML) - TriQuint Semiconductor


TGA8226 Product details

Description
The TriQuint TGA8226-SCC is a self biased distributed amplifier and operates from a single 15 V supply. Four 457 um FETs produce a typical gain greater than 13.5 dB, with input and output SWRs less than 2:1. Direct cascading without additional components is possible by using the on-chip blocking capacitors. Ground is provided to the circuitry through vias to the backside metallization.

Key Features and Performance
 • 2 to 6 GHz Frequency Range
 • 13.5 dB Gain
 • 17 dBm Output Power at 1 dB Gain Compression
 • 5.5 dB Noise Figure
 • Operates from Single 15V Supply
 • 1.47 x 1.85 x 0.15 mm (0.058 x 0.073 x 0.006 in.)




Similar Part No. - TGA8226

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
8 - 10.5 GHz Power Amplifier
TGA8286-EPU TRIQUINT-TGA8286-EPU Datasheet
546Kb / 7P
8 - 10.5 GHz Power Amplifier
More results


Similar Description - TGA8226

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA6345 TRIQUINT-TGA6345 Datasheet
542Kb / 6P
2 - 18 GHz Gain Block Amplifier
TGA8622 TRIQUINT-TGA8622 Datasheet
579Kb / 7P
2 - 20 GHz Gain Block Amplifier
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
DC-6 GHz Gain Block
TGA8810-SCC TRIQUINT-TGA8810-SCC_15 Datasheet
405Kb / 9P
2-10 GHz Gain Block Amplifier
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
DC ??6 GHz Gain Block
June 25, 2020
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
DC ??6 GHz Gain Block
May 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com