Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7038 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7038 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7038
Download  ST7038 Download
File Size   1885.58 Kbytes
Page   63 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7038 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7038 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7038
Download  ST7038 Click to download

File Size   1885.58 Kbytes
Page   63 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7038 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7038 Product details

GENERAL DESCRIPTION

ST7038 dot-matrix liquid crystal display controller can display alphanumeric, Japanese kana characters and symbols. It can be configured to drive a dot-matrix liquid crystal display under the control of a microprocessor with 4/8-bit 6800-series or 8080-series, 3/4-line serial or fast I2C interface. Since all the functions (such as display RAM, character generator ROM/RAM and liquid crystal driver) required for driving a dot-matrix liquid crystal display are internally embedded in this chip, a minimal system can be used with this controller/driver.



FEATURES

• 5 x 8 dot matrix possible

• Support low voltage single power operation:

  - VDD, VDD2: 1.8 to 3.3V

• LCD Voltage Operation Range (V0/Vout)

  - Programmable V0: 3 to 7V(V0)

  - External power applied: Max. 12V(Vout)

• Interface

  - 6800-4bit / 8bit interface

  - 8080-4bit / 8bit interface

  - 3-line serial interface

  - 4-line serial interface

  - I2C interface

• Support display mode:

  - 8-COM x 100-SEG and 80 ICON

  - 16-COM x 100-SEG and 80 ICON

  - 24-COM x 80-SEG and 80 ICON

• 10,240-bit Character Generator ROM (CGROM) stores 256 character fonts

• 64 x 8-bit Character Generator RAM (CGRAM)

• 80 x 8-bit Display RAM (80 characters max.)

• 16 x 5 bit ICON RAM

• Variable instruction functions:

  clear display, return home, display ON/OFF,

  cursor ON/OFF, character blink, cursor shift,

  display shift, double height font, ICON control and character generation RAM

• Reset circuit through an external reset pin

• Internal oscillator or external clock

• Built-in low power consumption voltage booster, regulator and follower circuit

• Built-in high-accuracy voltage regulator:

  - Programmable output range: 3~7V

• COM/SEG direction selectable by instruction

• Selectable CGRAM/CGROM size

• Package Type: COG



 




Similar Part No. - ST7038

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7032 SITRONIX-ST7032 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Pulse A Technitrol Comp...
ST7032FNL PULSE-ST7032FNL Datasheet
354Kb / 3P
XFMR,SIN,10D,1:1,SM,TU
ST7032QNL PULSE-ST7032QNL Datasheet
114Kb / 1P
XFMR,SIN,10D,1:1,SM,TU
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
4 x 96 Dot Matrix LCD Controller/Driver
logo
Pulse A Technitrol Comp...
ST7033FNL PULSE-ST7033FNL Datasheet
355Kb / 3P
MDL,SIN,10D,1:1,SM,TU
More results


Similar Description - ST7038

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com