Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-5617 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5617 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5617
Download  HMMC-5617 Download
File Size   336.85 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6-18 GHz Medium Power Amplifier

HMMC-5617 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5617 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5617
Download  HMMC-5617 Click to download

File Size   336.85 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 6-18 GHz Medium Power Amplifier

HMMC-5617 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-5617 Product details

Description
The HMMC-5617 6 to 18 GHz MMIC is an efficient two-stage medium-power amplifier that is designed to be used as a cascadable intermediate gain block for EW applications. In communication systems, it can be used as an amplifier for a local oscillator or as a transmit amplifier. It is fabricated using a PHEMT integrated circuit structure that provides exceptional efficiency and flat gain performance. During typical operation, with a single 5-volt DC power supply, each gain stage is biased for Class-A operation for optimal power output with minimal distortion. The RF input and RF output has matching circuitry for use in 50 Ω environments.

Features
• High efficiency: 11% @ P–1 dB typical
• Output power, P–1 dB: 18 dBm typical
• High gain: 14 dB typical
• Flat gain response: ±0.5 dB typical
• Low input/output VSWR: < 1.7:1 typical
• Single supply bias: 5 volts (@ 115 mA typical) with optional gate bias




Similar Part No. - HMMC-5617

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
More results


Similar Description - HMMC-5617

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Teledyne Technologies I...
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Transcom, Inc.
TA060-180-25-24 TRANSCOM-TA060-180-25-24 Datasheet
63Kb / 2P
6 ~ 18 GHz 24dBm Medium Power Amplifier
TA060-180-28-27 TRANSCOM-TA060-180-28-27 Datasheet
63Kb / 2P
6 ~ 18 GHz 27dBm Medium Power Amplifier
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com