Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43081 Datasheet (PDF) - EPCOS

B43081 Datasheet PDF - EPCOS
Part # B43081
Download  B43081 Download
File Size   354.92 Kbytes
Page   15 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Aluminum electrolytic capacitors

B43081 Datasheet (PDF)

Go To PDF Page Download Datasheet
B43081 Datasheet PDF - EPCOS

Part # B43081
Download  B43081 Click to download

File Size   354.92 Kbytes
Page   15 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Aluminum electrolytic capacitors

B43081 Datasheet (HTML) - EPCOS


B43081 Product details

Single-ended capacitors High ripple current – 105 °C

Long-life grade capacitors for professional applications

Features
■ RoHS-compatible
■ Very high ripple current
■ High reliability
■ Load life of 3000 h at 105 °C

Applications
■ Electronic ballast applications

Construction
■ Radial leads
■ Aluminum case, fully insulated
■ Charge-discharge proof
■ Minus pole marking on the insulating sleeve
■ Case with safety vent from diameter 8 mm




Similar Part No. - B43081

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M006 EPCOS-B43081A1107M006 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1107M008 EPCOS-B43081A1107M008 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
B43081A1226M006 EPCOS-B43081A1226M006 Datasheet
354Kb / 15P
Aluminum electrolytic capacitors
More results


Similar Description - B43081

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com