Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-3338AC-HLAS Datasheet (PDF) - Optoway Technology Inc

DL-3338AC-HLAS Datasheet PDF - Optoway Technology Inc
Part # DL-3338AC-HLAS
Download  DL-3338AC-HLAS Download
File Size   93.03 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application

DL-3338AC-HLAS Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-3338AC-HLAS Datasheet PDF - Optoway Technology Inc

Part # DL-3338AC-HLAS
Download  DL-3338AC-HLAS Click to download

File Size   93.03 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application

DL-3338AC-HLAS Datasheet (HTML) - Optoway Technology Inc




Similar Part No. - DL-3338AC-HLAS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3338AC-HLS OPTOWAY-DL-3338AC-HLS Datasheet
91Kb / 4P
Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
More results


Similar Description - DL-3338AC-HLAS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3540 OPTOWAY-DL-3540 Datasheet
117Kb / 2P
1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-53X8AC OPTOWAY-DL-53X8AC Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-53X8AW-CXX0 OPTOWAY-DL-53X8AW-CXX0 Datasheet
92Kb / 4P
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com