Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82432T1102K000 Datasheet (PDF) - EPCOS

B82432T1102K000 Datasheet PDF - EPCOS
Part # B82432T1102K000
Download  B82432T1102K000 Download
File Size   150.51 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT inductors

B82432T1102K000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82432T1102K000 Datasheet PDF - EPCOS

Part # B82432T1102K000
Download  B82432T1102K000 Click to download

File Size   150.51 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT inductors

B82432T1102K000 Datasheet (HTML) - EPCOS


B82432T1102K000 Product details

SMT inductors, SIMID series SIMID 1812-T

Size 1812 (EIA) or 4532 (IEC)
Rated inductance 1 ... 1000 μH
Rated current 70 ... 1300 mA

Construction
■ Upright ferrite drum core
■ Laser-welded winding
■ Flame-retardant molding

Features
■ Temperature range up to +150 °C
■ High current handling capability
■ Qualified to AEC-Q200
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
■ RoHS-compatible

Applications
■ Filtering of supply voltages, coupling, decoupling
■ DC/DC converters
■ Automotive electronics (e.g. single-wire bus systems)
■ Telecommunications
■ Industrial electronics




Similar Part No. - B82432T1102K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
476Kb / 8P
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
476Kb / 8P
Dimensional drawing and layout recommendation
More results


Similar Description - B82432T1102K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
SMT inductors
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
SMT inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
SMT Inductors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com