Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP1000 Datasheet (PDF) - Transys Electronics

CP1000 Datasheet PDF - Transys Electronics
Part # CP1000
Download  CP1000 Download
File Size   114.76 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SINGLE-PHASE SILICON BRIDGE

CP1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP1000 Datasheet PDF - Transys Electronics

Part # CP1000
Download  CP1000 Click to download

File Size   114.76 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SINGLE-PHASE SILICON BRIDGE

CP1000 Datasheet (HTML) - Transys Electronics


CP1000 Product details

VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A



FEATURES

• Surge overload rating—200 Amperes peak

• Low forward voltage drop and reverse leakage

• Small size, simple installation

• Plastic package has Underwriter Laboratory

   Flammability Classification 94V-O

• Reliable low cost construction utilizing molded plastic technique



 




Similar Part No. - CP1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
FSP TECHNOLOGY INC.
CP1000 FSP-CP1000 Datasheet
68Kb / 1P
Excellent microprocessor control guarantees high reliability
logo
List of Unclassifed Man...
CP1000 ETC-CP1000 Datasheet
315Kb / 3P
Transhield CP1000 Series
logo
Multicomp Pro
CP1000 MULTICOMP-CP1000 Datasheet
194Kb / 3P
Single Phase Bridge Rectifiers
19/05/12 V1.1
More results


Similar Description - CP1000

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com