Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMAJ Datasheet (PDF) - Transys Electronics

P4SMAJ Datasheet PDF - Transys Electronics
Part # P4SMAJ
Download  P4SMAJ Download
File Size   240.07 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMAJ Datasheet PDF - Transys Electronics

Part # P4SMAJ
Download  P4SMAJ Click to download

File Size   240.07 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ Datasheet (HTML) - Transys Electronics


P4SMAJ Product details

VOLTAGE - 5.0 TO 170 Volts 400Watt Peak Power Pulse

FEATURES
● For surface mounted applications in order to
   optimize board space
● Low profile package
● Built-in strain relief
● Glass passivated junction
● Low inductance
● Excellent clamping capability
● Repetition Rate(duty cycle):0.01%
● Fast response time: typically less than
   1.0 ps from 0 volts to BV for undirectional types
● Typical ID less than 1 A above 10V
● High temperature soldering :
   250°C/10 seconds at terminals
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - P4SMAJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ SURGE-P4SMAJ Datasheet
213Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Semikron International
P4SMAJ SEMIKRON-P4SMAJ Datasheet
243Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Formosa MS
P4SMAJ FORMOSA-P4SMAJ Datasheet
176Kb / 4P
SURFACE MOUNT TRANSIENT VOLATAGE SUPPRESSOR
More results


Similar Description - P4SMAJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com