Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB180 Datasheet (PDF) - Transys Electronics

SB180 Datasheet PDF - Transys Electronics
Part # SB180
Download  SB180 Download
File Size   145.13 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description 1 AMPERE SCHOTTKY BARRIER RECTIFIERS

SB180 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB180 Datasheet PDF - Transys Electronics

Part # SB180
Download  SB180 Click to download

File Size   145.13 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description 1 AMPERE SCHOTTKY BARRIER RECTIFIERS

SB180 Datasheet (HTML) - Transys Electronics


SB180 Product details

VOLTAGE - 20 to 100 Volts
CURRENT - 1.0 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
  Flammability Classification 94V-O utilizing
  Flame Retardant Epoxy Molding Compound.
• 1 ampere operation at TA =75°C with no thermal runaway.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
   and polarity protection applications .




Similar Part No. - SB180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Zowie Technology Corpor...
SB180 ZOWIE-SB180 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB180 DIODES-SB180 Datasheet
63Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
logo
EIC discrete Semiconduc...
SB180 EIC-SB180 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB180 GOOD-ARK-SB180 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB180

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
3.0 Ampere Schottky Barrier Rectifiers
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
1.0 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
SB120 YEASHIN-SB120 Datasheet
515Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com