Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE600B Datasheet (PDF) - Transys Electronics

TE600B Datasheet PDF - Transys Electronics
Part # TE600B
Download  TE600B Download
File Size   160.94 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER

TE600B Datasheet (PDF)

Go To PDF Page Download Datasheet
TE600B Datasheet PDF - Transys Electronics

Part # TE600B
Download  TE600B Click to download

File Size   160.94 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER

TE600B Datasheet (HTML) - Transys Electronics


TE600B Product details

VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes

FEATURES
   High surge current capability
   Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O Utizing
   Flasme Retardant Epoxy Molding Compound
   Glass passivated junction in P600 package
   Hihg current operation 6.0 Amperes @ TA = 75 °C
   Exceeds environmental standards of MIL-S-19500/228




Similar Part No. - TE600B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TE600 TRIPPLITE-TE600 Datasheet
487Kb / 4P
TE Series 120V 600VA 425W Line-Interactive UPS,AVR, Tower, DB9 Serial port
logo
Topstek Inc.
TE600A TOPSTEK-TE600A Datasheet
105Kb / 2P
Topstek Current Transducers
More results


Similar Description - TE600B

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
13-Jun-16
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Plastic Rectifier
06-Oct-2021
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
Glass Passivated Junction Plastic Rectifier
06-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com