Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK119 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

RK119 Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # RK119
Download  RK119 Download
File Size   313.14 Kbytes
Page   6 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 11mm Size Metal Shaft Reflow Type

RK119 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK119 Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # RK119
Download  RK119 Click to download

File Size   313.14 Kbytes
Page   6 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 11mm Size Metal Shaft Reflow Type

RK119 Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - RK119

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1191110001 ALPS-RK1191110001 Datasheet
965Kb / 6P
1.5mm-travel push-on switch achieved in a low-profile height of only 5mm
logo
List of Unclassifed Man...
RK1191110001 ETC-RK1191110001 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK1191114001 ALPS-RK1191114001 Datasheet
965Kb / 6P
1.5mm-travel push-on switch achieved in a low-profile height of only 5mm
logo
List of Unclassifed Man...
RK1191114001 ETC-RK1191114001 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK1191124001 ALPS-RK1191124001 Datasheet
965Kb / 6P
1.5mm-travel push-on switch achieved in a low-profile height of only 5mm
More results


Similar Description - RK119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
11mm Size Metal Shaft Long Life Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK117 ALPS-RK117 Datasheet
277Kb / 5P
11mm Size Metal Shaft Low-profile Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
11mm Size Metal Shaft Magnetic Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com