Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8029 Datasheet (PDF) - NXP Semiconductors

TDA8029 Datasheet PDF - NXP Semiconductors
Part # TDA8029
Download  TDA8029 Download
File Size   275.91 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power single card reader

TDA8029 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8029 Datasheet PDF - NXP Semiconductors

Part # TDA8029
Download  TDA8029 Click to download

File Size   275.91 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power single card reader

TDA8029 Datasheet (HTML) - NXP Semiconductors


TDA8029 Product details

General description

The TDA8029 is a complete one chip, low cost, low power, robust smart card reader. Its different power reduction modes and its wide supply voltage range allow its use in portable equipment. Due to specific versatile hardware, a small embedded software program allows the control of most cards available in the market. The control from the host may be done through a standard serial interface. The TDA8029 may be delivered with standard embedded software, or be masked with specific customer code. For details on software development and on available tools, please refer to application notes “AN01009” and “AN10134” for the TDA8029HL/C1. For standard embedded software, please refer to “AN10206” for the TDA8029HL/C2.



Features

■ 80C51 core with 16 kB ROM, 256 byte RAM and 512 byte XRAM

■ Specific ISO7816 UART, accessible with MOVX instructions for automatic convention processing, variable baud rate, error management at character level for T = 0 and T = 1 protocols, extra guard time, etc.

■ Specific versatile 24-bit Elementary Time Unit (ETU) counter for timing processing

during Answer To Reset (ATR) and for T = 1 protocol

■ VCC generation with controlled rise and fall times:

   ◆ 5 V ± 5 %, maximum current 65 mA

   ◆ 3 V ± 5 %, maximum current 50 mA; maximum current 65 mA if VDD > 3 V

   ◆ 1.8 V ± 5 %, maximum current 30 mA

■ Card clock generation up to 20 MHz with three times synchronous frequency doubling (fXTAL, 1⁄2fXTAL, 1⁄4fXTAL and 1⁄8fXTAL)

■ Card clock stop HIGH or LOW or 1.25 MHz from an integrated oscillator for card power reduction modes

■ Automatic activation and deactivation sequences through an independent sequencer

■ Supports asynchronous protocols T = 0 and T = 1 in accordance with:

   ◆ ISO 7816 and EMV 3.1.1 (TDA8029HL/C1 and TDA8029HL/C2)

   ◆ ISO 7816 and EMV 2000 (TDA8029HL/C2).

■ 1 to 8 characters FIFO in reception mode

■ Parity error counter in reception mode and in transmission mode with automatic retransmission

■ Versatile 24-bit time-out counter for ATR and waiting times processing

■ Specific ETU counter for Block Guard Time (BGT) (22 ETU in T = 1 and 16 ETU in T = 0)




Similar Part No. - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
TDA8029C1 PHILIPS-TDA8029C1 Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
TDA8029C2 PHILIPS-TDA8029C2 Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
TDA8029HL PHILIPS-TDA8029HL Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
TDA8029HL/C1 PHILIPS-TDA8029HL/C1 Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
More results


Similar Description - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
Low power single card reader
2003 Oct 30
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
SIM CARD READER
logo
List of Unclassifed Man...
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
USB 2.0 Single-Slot Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
Flash Card Reader Media Power Considerations
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com