Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDKN Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SDKN Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SDKN
Download  SDKN Download
File Size   113.81 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.5A 125V AC Qualified Type

SDKN Datasheet (PDF)

Go To PDF Page Download Datasheet
SDKN Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SDKN
Download  SDKN Click to download

File Size   113.81 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.5A 125V AC Qualified Type

SDKN Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SDKN

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-19-114 WINCHESTER-SDKN-19-114 Datasheet
51Kb / 1P
BULKHEAD JACK
SDKN-19-148 WINCHESTER-SDKN-19-148 Datasheet
68Kb / 1P
JACK, PANEL, N
SDKN-19-149 WINCHESTER-SDKN-19-149 Datasheet
58Kb / 1P
JACK, BULKHEAD, N
SDKN-19-151 WINCHESTER-SDKN-19-151 Datasheet
59Kb / 1P
JACK, BULKHEAD, N
SDKN-39-83 WINCHESTER-SDKN-39-83 Datasheet
69Kb / 1P
JACK, N
More results


Similar Description - SDKN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKS ALPS-SDKS Datasheet
112Kb / 3P
Explosion-prevention Standards Qualified Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
logo
Schneider Electric
9001KA45 SCHNEIDER-9001KA45 Datasheet
152Kb / 2P
PUSHBUTTON CONTACT 120VAC 0.5A TYPE K
Jan 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com