Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKQE Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKQE Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKQE
Download  SKQE Download
File Size   246.14 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 12mm Square Long-life (Snap-in Type)

SKQE Datasheet (PDF)

Go To PDF Page Download Datasheet
SKQE Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKQE
Download  SKQE Click to download

File Size   246.14 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 12mm Square Long-life (Snap-in Type)

SKQE Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKQE Product details

Available in two types - 0.8mm height without stem or 1.5mm height with stem.

Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.

1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2φCA(K)or CC(T)at solder joints(copper foil surface). A heat resistive tape should be used to fix thermocouple.
3. Temperature profile




Similar Part No. - SKQE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQEAAA010 ALPS-SKQEAAA010 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQEABA010 ALPS-SKQEABA010 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQEACA010 ALPS-SKQEACA010 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQEADA010 ALPS-SKQEADA010 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
More results


Similar Description - SKQE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501 EPCOS-B43501 Datasheet
292Kb / 11P
Snap-In Capacitors Long Useful Life - 85
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
12mm Square Long Stem (Snap-in Type)
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
Aluminum Capacitors Power Long Life Snap-In
07-Apr-11
logo
ALPS ELECTRIC CO.,LTD.
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
TACT SwitchTM 12mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3_18 Datasheet
355Kb / 4P
Stable ESR, Long Life, Snap-In
logo
Nichicon corporation
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
Snap-in Terminal Type, 105째C Long Life Assurance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com