Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRB Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRB Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRB
Download  SKRB Download
File Size   196.53 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.55mm Height Low-profile (Surface Mount Type)

SKRB Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRB Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRB
Download  SKRB Click to download

File Size   196.53 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.55mm Height Low-profile (Surface Mount Type)

SKRB Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRB Product details

Available in two types - 0.8mm height without stem or 1.5mm height with stem.

Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.

1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2φCA(K)or CC(T)at solder joints(copper foil surface). A heat resistive tape should be used to fix thermocouple.
3. Temperature profile




Similar Part No. - SKRB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRBAAE010 ALPS-SKRBAAE010 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRBACE010 ALPS-SKRBACE010 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRBAGE010 ALPS-SKRBAGE010 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRBAKE010 ALPS-SKRBAKE010 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
More results


Similar Description - SKRB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10CV10BE SANYO-10CV10BE Datasheet
73Kb / 1P
Surface Mount Type Miniature, Super low profile 3.9mm height
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
1.25mm Height Low-profile SidepushTM (Surface Mount Type)
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
<1.6 0.8 t=0.55mm> Low Current Type
logo
ALPS ELECTRIC CO.,LTD.
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM_15 Datasheet
752Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com