Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRN Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRN Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRN
Download  SKRN Download
File Size   170.13 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6mm Square Low-profile Double Action (Surface Mount Type)

SKRN Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRN Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRN
Download  SKRN Click to download

File Size   170.13 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6mm Square Low-profile Double Action (Surface Mount Type)

SKRN Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRN Product details

0.9mm low-profile switch with double action.



 




Similar Part No. - SKRN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
SKRNPAE010 ALPS-SKRNPAE010 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPBE010 ALPS-SKRNPBE010 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPCE010 ALPS-SKRNPCE010 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRNPDE010 ALPS-SKRNPDE010 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
More results


Similar Description - SKRN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKQG ALPS-SKQG Datasheet
241Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSD ALPS-SKSD Datasheet
192Kb / 3P
4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
0.6mm low-profile, double action type
SKSK ALPS-SKSK Datasheet
781Kb / 3P
0.6mm Low-profile double action type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com