Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUN Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SPUN Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SPUN
Download  SPUN Download
File Size   242.65 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 2.5mm-travel Large-sized Horizontal Type

SPUN Datasheet (PDF)

Go To PDF Page Download Datasheet
SPUN Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SPUN
Download  SPUN Click to download

File Size   242.65 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 2.5mm-travel Large-sized Horizontal Type

SPUN Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SPUN Product details

Push Switch
2.5mm-travel Large-sized Horizontal Type

Large horizontal type suitable for multiple circuits.




Similar Part No. - SPUN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUN190900 ALPS-SPUN190900 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191000 ALPS-SPUN191000 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191400 ALPS-SPUN191400 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN191600 ALPS-SPUN191600 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUN192600 ALPS-SPUN192600 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Similar Description - SPUN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEC ALPS-SPEC Datasheet
151Kb / 3P
2.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com