Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM7510 Datasheet (PDF) - Analog Devices

ADUM7510 Datasheet PDF - Analog Devices
Part # ADUM7510
Download  ADUM7510 Download
File Size   265.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Channel, 1 kV Unidirectional Digital Isolator

ADUM7510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM7510 Datasheet PDF - Analog Devices

Part # ADUM7510
Download  ADUM7510 Click to download

File Size   265.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Channel, 1 kV Unidirectional Digital Isolator

ADUM7510 Datasheet (HTML) - Analog Devices


ADUM7510 Product details

GENERAL DESCRIPTION
The ADuM75101 is a unidirectional 5-channel isolator based on the Analog Devices, Inc., iCoupler® technology. In contrast to the ADuM1510, the ADuM7510 has a lower isolation rating, offering a reduced cost option for applications that can accept a 1 kV ac isolation. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics superior to alternatives such as optocoupler devices.

FEATURES
   RoHS-compliant, 16-lead, QSOP package
   Low power operation: 5 V
      1.2 mA per channel maximum @ 0 Mbps to 2 Mbps
      2.8 mA per channel maximum @ 10 Mbps
   High temperature operation: 105°C
   Up to 10 Mbps data rate (NRZ)
   Low default output state
   1000 V rms isolation rating
   Safety and regulatory approvals (pending)
      UL recognition
         1000 V rms for 1 minute per UL 1577

APPLICATIONS
   General-purpose, unidirectional, multichannel isolation




Similar Part No. - ADUM7510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7510 AD-ADUM7510 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
More results


Similar Description - ADUM7510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1510 AD-ADUM1510 Datasheet
264Kb / 12P
5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
5-Channel, Unidirectional Digital Isolator
REV. B
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
3.0 kV RMS, Single-Channel Digital Isolator
Rev. 0
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
5.0 kV rms, Single-Channel Digital Isolator
Rev. 0
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com