Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1335 Datasheet (PDF) - ams AG

AS1335 Datasheet PDF - ams AG
Part # AS1335
Download  AS1335 Download
File Size   1650.31 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter

AS1335 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1335 Datasheet PDF - ams AG

Part # AS1335
Download  AS1335 Click to download

File Size   1650.31 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter

AS1335 Datasheet (HTML) - ams AG


AS1335 Product details

General Description
The AS1335 is a high-efficiency, constant-frequency synchronous buck converter available in a fixed or an adjustable output voltage version. The wide input voltage range (2.6V to 5.25V), the high output current (up to 1.5A) and minimal external component requirements make the AS1335 perfect for any single Li-Ion batterypowered application.

Key Features
■ High Efficiency: Up to 96%
■ Output Current: 1.5A
■ Input Voltage Range: 2.6V to 5.25V
■ Output Voltage Range: 0.6V to VIN
■ Constant Frequency Operation: 1.5MHz
■ No Schottky Diode Required
■ Power OK with 215ms delay
■ Low Dropout Operation: 100% Duty Cycle
■ Low Quiescent Supply Current: 400µA
■ Shutdown Mode Supply Current: ≤1µA
■ Current Mode Operation for Excellent Line/Load Transient Response
■ Thermal Protection
■ 10-pin TDFN 3x3mm Package

Applications
    The device is ideal for mobile communication devices, laptops and PDAs, ultra-low-power systems, threshold detectors/discriminators, telemetry and remote systems, medical instruments, or any other space-limited application with low power-consumption requirements.




Similar Part No. - AS1335

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335-BTDT-100 AMSCO-AS1335-BTDT-100 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335-BTDT-AD AMSCO-AS1335-BTDT-AD Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Similar Description - AS1335

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com