Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ10A Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

KBJ10A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # KBJ10A
Download  KBJ10A Download
File Size   158.35 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ10A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ10A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # KBJ10A
Download  KBJ10A Click to download

File Size   158.35 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ10A Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


KBJ10A Product details

REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -10.0 Amperes

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Low forward voltage drop, high current capability
• Reliable low cost construction utilizing
   molded plastic technique results in
   inexpensive product
▪ The plastic material has UL
   flammability classification 94V-O




Similar Part No. - KBJ10A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
10A BRIDGE RECTIFIER
logo
Dc Components
KBJ10A DCCOM-KBJ10A Datasheet
476Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ10A BILIN-KBJ10A Datasheet
160Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
More results


Similar Description - KBJ10A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
KBJ2A CHENG-YI-KBJ2A Datasheet
149Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com