Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ404G Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

KBJ404G Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # KBJ404G
Download  KBJ404G Download
File Size   103.96 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SINGLE-PHASE SILICON BRIDGE

KBJ404G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ404G Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # KBJ404G
Download  KBJ404G Click to download

File Size   103.96 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SINGLE-PHASE SILICON BRIDGE

KBJ404G Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


KBJ404G Product details

VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 4.0 Amperes

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Realiable low cost construction utilizing
   molded plastic technique
• Plastic material has Underwriters Laboratory
   flammability classification 94V-O
• Lead solderable per MIL-STD-202 Meyhod 208
• Surge overload rating to 120 Amperes peak
• Polarity symbols molded on body
• Mounting position:Any
• Weight:0.16 ounce 4.6 grams




Similar Part No. - KBJ404G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBJ404G JGD-KBJ404G Datasheet
160Kb / 2P
CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBJ404G DIODES-KBJ404G Datasheet
53Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. F-2
logo
Fuji Electric
KBJ404G FUJI-KBJ404G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ404G DIODES-KBJ404G Datasheet
71Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. 9 - 2
logo
MIC GROUP RECTIFIERS
KBJ404G MIC-KBJ404G Datasheet
64Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - KBJ404G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com