Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1536 Datasheet (PDF) - ams AG

AS1536 Datasheet PDF - ams AG
Part # AS1536
Download  AS1536 Download
File Size   782.08 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-Bit, Single Supply, Low-Power, 73ksps A/D Converters

AS1536 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1536 Datasheet PDF - ams AG

Part # AS1536
Download  AS1536 Click to download

File Size   782.08 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-Bit, Single Supply, Low-Power, 73ksps A/D Converters

AS1536 Datasheet (HTML) - ams AG


AS1536 Product details

General Description

The AS1536/AS1537 are low-power, 12-bit, 73ksps analog-to-digital (A/D) converters specifically designed for single-supply A/D applications. Superior AC characteristics, very low power consumption, and robust packaging make these ultra-small devices perfect for battery-powered analog-data collection devices.



Key Features

12-Bit Resolution with 7.5µs Conversion Time

Sampling Rate: 73ksps

Straight Binary (Unipolar) Data Format

Single-Supply Operation:+2.7V to +5.25V

Internal 2.5V Reference (AS1536)

Low Power-Consumption:

  - 4mW (73ksps, AS1536)

  - 3mW (73ksps, AS1537)

  - 66µW (1ksps, AS1537)

  - 1µW (Shutdown Mode)

Integrated Track/Hold Amplifier

Internal Clock

SPI/QSPI/Microwire 3-Wire Serial Interface

Operating Temperature Range: -40 to +85ºC

8-pin SOIC-150 Package



Applications

The devices are ideal for remote sensors, data-acquisition, data logging devices, lab instruments, or for any other space-limited A/D devices with low power consumption and single-supply requirements.



 




Similar Part No. - AS1536

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530 AMSCO-AS1530 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
More results


Similar Description - AS1536

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MN5250 ICST-MN5250 Datasheet
849Kb / 4P
LOW POWER CMOS 12-BIT A/D CONVERTERS
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1526 AMSCO-AS1526 Datasheet
351Kb / 2P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1526 AMSCO-AS1526_1 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
12-Bit, 250MSPS, Low-Power D/A Converters
DAC-12100 DATEL-DAC-12100 Datasheet
334Kb / 7P
12-Bit, 100MHz, Low-Power D/A Converters
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com