Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1213EC Datasheet (PDF) - Electronic Film Capacitors, Inc.

1213EC Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1213EC
Download  1213EC Download
File Size   12.04 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polypropylene Capacitors

1213EC Datasheet (PDF)

Go To PDF Page Download Datasheet
1213EC Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1213EC
Download  1213EC Click to download

File Size   12.04 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polypropylene Capacitors

1213EC Datasheet (HTML) - Electronic Film Capacitors, Inc.


1213EC Product details

EFC Series 1213 are metallized polypropylene capacitors. This series offers the advantage of superior stability, self healing, high insulation resistance, low dissipation factor and high frequency operation.

SPECIFICATIONS
1. TEMPERATURE RANGE
- 55 °C to + 85 °C at rated voltage.
To 105 OC with 25% voltage derating.

2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured at 1 KHz + 20 HZ. Capacitors >1.0 MFD shall be measured at 60 HZ. Measurements shall be taken at 25 OC.

3. DIELECTRIC STRENGTH
At 25 OC, 150% of rated voltage when applied terminal to terminal for one minute through a current limiting resistance.

4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage or 500 VDC, whichever is less, the minimum IR shall be 80,000 Megohm-Microfarads, but need not exceed 120,000 Megohms.

5. HUMIDITY RESISTANCE
Series 1213 shall meet the requirements of MIL-STD. 202C, Method 103B.

6. DISSIPATION FACTOR
Shall be 0.1 % max. when measured as in Par. 2.

7. LIFE TEST
Will withstand the application of 150% rated voltage at +85 0C for 250 hours
with not more than one failure in 12 permitted.




Similar Part No. - 1213EC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213EC-3-0.01-1-01 EFC-1213EC-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1213EC-3-0.01-1-02 EFC-1213EC-3-0.01-1-02 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1213EC-3-0.01-1-41 EFC-1213EC-3-0.01-1-41 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1213EC-3-0.01-1-42 EFC-1213EC-3-0.01-1-42 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1213EC-3-0.1-1-01 EFC-1213EC-3-0.1-1-01 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
More results


Similar Description - 1213EC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
METALLIZED POLYPROPYLENE CAPACITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com