Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1613EF Datasheet (PDF) - Electronic Film Capacitors, Inc.

1613EF Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1613EF
Download  1613EF Download
File Size   12.07 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polycarbonate Capacitors

1613EF Datasheet (PDF)

Go To PDF Page Download Datasheet
1613EF Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1613EF
Download  1613EF Click to download

File Size   12.07 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polycarbonate Capacitors

1613EF Datasheet (HTML) - Electronic Film Capacitors, Inc.


1613EF Product details

Metallized Polycarbonate Capacitors

Epoxy Case (Axial Leads)

Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG




Similar Part No. - 1613EF

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR-1 EFC-1613EFR-1 Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR-2 EFC-1613EFR-2 Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR-3 EFC-1613EFR-3 Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR-3-0.01-1-01 EFC-1613EFR-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
More results


Similar Description - 1613EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
Metallized Polycarbonate Film Capacitor
05-Jul-05
MKC1862 VISHAY-MKC1862_08 Datasheet
309Kb / 4P
Metallized Polycarbonate Film Capacitor
05-Jul-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
05-Jul-05
logo
Electronic Film Capacit...
1613 EFC-1613 Datasheet
54Kb / 9P
METALLIZED POLYCARBONATE
1613DFR EFC-1613DFR Datasheet
14Kb / 1P
Metallized Polycarbonate Capacitors
1613EC EFC-1613EC Datasheet
11Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613TC EFC-1613TC Datasheet
12Kb / 1P
Metallized Polycarbonate Capacitors
1613TF EFC-1613TF Datasheet
12Kb / 1P
Metallized Polycarbonate Capacitors
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com