Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1213TC Datasheet (PDF) - Electronic Film Capacitors, Inc.

SP1213TC Datasheet PDF - Electronic Film Capacitors, Inc.
Part # SP1213TC
Download  SP1213TC Download
File Size   14.17 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Snubber Capacitors Metallized Polypropylene

SP1213TC Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1213TC Datasheet PDF - Electronic Film Capacitors, Inc.

Part # SP1213TC
Download  SP1213TC Click to download

File Size   14.17 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Snubber Capacitors Metallized Polypropylene

SP1213TC Datasheet (HTML) - Electronic Film Capacitors, Inc.


SP1213TC Product details

METALLIZED POLYPROPYLENE

HI-TECH CAPACITOR TECHNOLOGY MEETS THE DEMAND OF TODAYS HI-TECH SWITCH-MODE POWER SUPPLIES

EFC Series SP1213 are metallized polypropylene capacitors in a wrap and fill construction.
Special metallization and high-tech terminations allow these capacitors to operate at up to 30
Amps ripple current at frequencies up to 100 kHz. SP1213 exhibit little or no capacitance
rolloff, when compared to electrolytics, at these high frequencies.

SPECIFICATIONS
1. TEMPERATURE RANGE:
    -55°C to +85°C at full voltage ratings.
    To 105°C with 25% voltage derating.
2. CAPACITANCE TOLERANCES:
    + 1%, 2%, 5%, 10%, 20%.
3. DISSIPATION FACTOR (1 kHz):
    0.1% maximum when measured at 25°C.
4. INSULATION RESISTANCE:
    150,000 Megohm-Microfarads (need
    not exceed 300,000 Megohms) when
    measured at rated voltage at 25°C.
5. ESR:
    See Dimensions and Ratings Tables.




Similar Part No. - SP1213TC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1213TCQ-3-1.0-1.6-1 EFC-SP1213TCQ-3-1.0-1.6-1 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
SP1213TCQ-3-1.0-1.6-2 EFC-SP1213TCQ-3-1.0-1.6-2 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
SP1213TCQ-3-1.0-1.6-5 EFC-SP1213TCQ-3-1.0-1.6-5 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
SP1213TCQ-3-1.0-2.5-1 EFC-SP1213TCQ-3-1.0-2.5-1 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
SP1213TCQ-3-1.0-2.5-2 EFC-SP1213TCQ-3-1.0-2.5-2 Datasheet
35Kb / 4P
METALLIZED POLYPROPYLENE
More results


Similar Description - SP1213TC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
M1206 EFC-M1206 Datasheet
45Kb / 5P
POLYPROPYLENE SNUBBER
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
Snubber Capacitors Polypropylene
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
Snubber Capacitors Polypropylene
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
Snubber Capacitors Polypropylene
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
Metallized Polypropylene Film Capacitor Radial Snubber Type
11-Nov-13
logo
Cornell Dubilier Electr...
941C CDE-941C Datasheet
353Kb / 5P
Polypropylene Capacitors, for Pulse, Snubber
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com