Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1A Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

FR1A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # FR1A
Download  FR1A Download
File Size   124.98 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SURFACE MOUNT FAST SWITCHENG RECTIFIER

FR1A Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # FR1A
Download  FR1A Click to download

File Size   124.98 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description SURFACE MOUNT FAST SWITCHENG RECTIFIER

FR1A Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


FR1A Product details

VOLTAGE RANGE -50 TO 800 VOLTS CURRENT -1.0 Amperes

FEATURES
▪ For surface mounted applications
▪ Low profile package
▪ Built-in strain relief
▪ Easy pick and place
▪ Fast recovery times for high efficiency
▪ Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
▪ Glass passivated chip junction
▪ High temperature soldering
   260°C/10 seconds at terminals




Similar Part No. - FR1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR1A PANJIT-FR1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
FR1A SURGE-FR1A Datasheet
77Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
FR1A WTE-FR1A Datasheet
50Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Similar Description - FR1A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Pan Jit International I...
RS1AW PANJIT-RS1AW Datasheet
67Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
CHENG-YI ELECTRONIC CO....
RS1A CHENG-YI-RS1A Datasheet
129Kb / 2P
SURFACE MOUNT FAST SWITCHENG RECTIFIER
logo
Vishay Siliconix
RS07B VISHAY-RS07B_15 Datasheet
102Kb / 7P
Fast Rectifier Surface Mount
05-Sep-14
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
FR3AF CHENDA-FR3AF Datasheet
682Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RS07B-M VISHAY-RS07B-M_V01 Datasheet
121Kb / 7P
Fast Rectifier Surface-Mount
26-Feb-2021
RS07B VISHAY-RS07B_V01 Datasheet
114Kb / 6P
Fast Rectifier Surface-Mount
26-Feb-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com