Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9.0 Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

SA9.0 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # SA9.0
Download  SA9.0 Download
File Size   129.23 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA9.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9.0 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # SA9.0
Download  SA9.0 Click to download

File Size   129.23 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA9.0 Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


SA9.0 Product details

VOLTAGE 6.8 to 144 VOLTS 400 WATT PEAK POWER 1.0 WATTS STEADY STATE

FEATURES
• Plastic package has Underwrites Laboratory
   Flammability Classification 94V-O
• Glass passivated chip junction
• 500W Peak Pulse Power capability
   on 10/1000μs waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Low incremental surge resistance
• Fast response time: typically less than 1.0 ps
   from 0 volts to BV for unidirctional and 5.0ns
   for bidirctional types
• Typical ID less than 1 A above 10V
• High tempreature soldering guaranteed:
   300°C/10 seconds .375", (9.5mm)
   lead length/51bs.,(2.3kg) tension




Similar Part No. - SA9.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA9.0 PANJIT-SA9.0 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA9.0 WTE-SA9.0 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA9.0 BYTES-SA9.0 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA9.0 DCCOM-SA9.0 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA9.0 EIC-SA9.0 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA9.0

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com