Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS608 Datasheet (PDF) - Microchip Technology

dsPIC33FJ64GS608 Datasheet PDF - Microchip Technology
Part # dsPIC33FJ64GS608
Download  dsPIC33FJ64GS608 Download
File Size   4367.87 Kbytes
Page   416 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance, 16-bit Digital Signal Controllers

dsPIC33FJ64GS608 Datasheet (PDF)

Go To PDF Page Download Datasheet
dsPIC33FJ64GS608 Datasheet PDF - Microchip Technology

Part # dsPIC33FJ64GS608
Download  dsPIC33FJ64GS608 Click to download

File Size   4367.87 Kbytes
Page   416 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance, 16-bit Digital Signal Controllers

dsPIC33FJ64GS608 Datasheet (HTML) - Microchip Technology


dsPIC33FJ64GS608 Product details

DEVICE OVERVIEW
The dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 families of devices contain extensive Digital Signal Processor (DSP) functionality with a high-performance 16-bit microcontroller (MCU) architecture.

Operating Conditions
• 3.0V to 3.6V, -40ºC to +85ºC, DC to 50 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS

Core: 16-Bit dsPIC33F
• Code-Efficient (C and Assembly) Architecture
• Two 40-Bit Wide Accumulators
• Single-Cycle (MAC/MPY) with Dual Data Fetch
• Single-Cycle Mixed-Sign MUL plus Hardware Divide
• 32-Bit Multiply Support

Clock Management
• ±1% Internal Oscillator
• Programmable PLLs and Oscillator Clock Sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer (WDT)
• Fast Wake-up and Start-up

Power Management
• Low-Power Management modes (Sleep, Idle, Doze)
• Integrated Power-on Reset and Brown-out Reset
• 1.7 mA/MHz Dynamic Current (typical)
• 50 µA IPD Current (typical)

High-Speed PWM
• Up to 9 PWM Pairs with Independent Timing
• Dead Time for Rising and Falling Edges
• 1.04 ns PWM Resolution
• PWM Support for:
    - DC/DC, AC/DC, Inverters, PFC, Lighting
    - BLDC, PMSM, ACIM, SRM
• Programmable Fault Inputs
• Flexible Trigger Configurations for ADC Conversions

Advanced Analog Features
• High-Speed ADC module:
    - 10-bit resolution with up to two Successive Approximation Register (SAR) converters (up to 4 Msps)
    - Up to 24 input channels grouped into 12 conversion pairs plus two voltage reference monitoring inputs
    - Dedicated result buffer for each analog channel
• Flexible and Independent ADC Trigger Sources
• Up to 4 High-Speed Comparators with Direct Connection to the PWM module:
    - 10-bit Digital-to-Analog Converter (DAC) for each comparator
    - DAC reference output
    - Programmable references with 1024 voltage points

Timers/Output Compare/Input Capture
• Six General Purpose Timers:
    - Five 16-bit and up to two 32-bit timers/counters
• Four Output Compare (OC) modules Configurable as Timers/Counters
• Quadrature Encoder Interface (QEI) module Configurable as Timer/Counter
• Four Input Capture (IC) modules

Communication Interfaces
• Two UART modules (12.5 Mbps):
    - With support for LIN/J2602 2.0 protocols and IrDA®
• Two 4-wire SPI modules (15 Mbps)
• ECAN™ module (1 Mbaud) CAN 2.0B Support
• Two I2C™ modules (up to 1 Mbaud) with SMBus Support

Direct Memory Access (DMA)
• 4-Channel DMA with User-Selectable Priority Arbitration
• UART, SPI, ECAN™, IC, OC and Timers

Input/Output
• Sink/Source 18 mA on 18 Pins, 10 mA on 1 Pin or 6 mA on 66 Pins
• 5V Tolerant Pins
• Selectable Open-Drain and Pull-ups
• 29 External Interrupts

Qualification and Class B Support
• AEC-Q100 REVG (Grade 1 -40ºC to +125ºC)
• Class B Safety Library, IEC 60730, VDE Certified

Debugger Development Support
• In-Circuit and In-Application Programming
• Two Program and two Complex Data Breakpoints
• IEEE 1149.2 Compatible (JTAG) Boundary Scan
• Trace and Run-Time Watch




Similar Part No. - dsPIC33FJ64GS608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ64GS608 MICROCHIP-dsPIC33FJ64GS608 Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ64GS608 MICROCHIP-DSPIC33FJ64GS608 Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
More results


Similar Description - dsPIC33FJ64GS608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6014A-30I MICROCHIP-DSPIC30F6014A-30I Datasheet
3Mb / 238P
High-Performance, 16-Bit Digital Signal Controllers
10/19/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com