Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA5093 Datasheet (PDF) - United Monolithic Semiconductors

CHA5093 Datasheet PDF - United Monolithic Semiconductors
Part # CHA5093
Download  CHA5093 Download
File Size   160.0 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 22-26GHz High Power Amplifier

CHA5093 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA5093 Datasheet PDF - United Monolithic Semiconductors

Part # CHA5093
Download  CHA5093 Click to download

File Size   160.0 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 22-26GHz High Power Amplifier

CHA5093 Datasheet (HTML) - United Monolithic Semiconductors


CHA5093 Product details

Description
The CHA5093 is a high gain three-stage monolithic high power amplifier. It is designed
for a wide range of applications, from military to commercial communication systems.The
backside of the chip is both RF and DC grounds. This helps simplify the assembly process.
The circuit is manufactured with a PM-HEMT process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam gate lithography. It is available in chip form.

Main Features
    Performances : 22-26GHz
    29dBm output power
    20 dB ±1.5dB gain
    DC power consumption, 600mA @ 6V
    Chip size :  3.27 x 2.47 x 0.10 mm




Similar Part No. - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
CHA5093TCF/24 UMS-CHA5093TCF/24 Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
More results


Similar Description - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
2-26GHz PHEMT Amplifier
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Fairchild Semiconductor
RMPA19000 FAIRCHILD-RMPA19000 Datasheet
232Kb / 8P
18-22 GHz Power Amplifier MMIC
logo
California Eastern Labs
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
logo
United Monolithic Semic...
CHA2441-QAG UMS-CHA2441-QAG_15 Datasheet
567Kb / 10P
22-26GHz Low Noise Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
17-26GHz Medium Power Amplifier
logo
Vishay Barry
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
DC - 26GHz Chip Termination
REV.D APR 4 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com